PART |
Description |
Maker |
LT1389-5 LT1389-4.096 LT1389-2.5 LT1389-1.25 1389F |
Nanopower Precision Shunt Voltage Reference; Package: SO; No of Pins: 8; Temperature Range: 0°C to 70°C Nanopower Precision Shunt Voltage Reference(毫微功率,精密分流电压基 From old datasheet system Micropower Precision Shunt Voltage Reference Nanopower Precision Shunt Voltage Reference 1-OUTPUT TWO TERM VOLTAGE REFERENCE, 1.25 V, PDSO8
|
Linear Technology Corporation LINER[Linear Technology] Linear Technology, Corp.
|
ZR25D02 ZR25D ZR25D01 ZR25DTA |
IC-SM-2.5V PRECISION REFERENCE 集成电路的Sm - 2.5V的高精度参 1 AMP MICROMINIATURE POLARIZED RELAY PRECISION 2.5 VOLT MICROPOWER VOLTAGE REFERENCE
|
Electronic Theatre Controls, Inc. ETC ZETEX[Zetex Semiconductors]
|
AD586 AD586A AD586AR AD586B AD586BR AD586J AD586JC |
High Precision 5 V Reference 1-OUTPUT THREE TERM VOLTAGE REFERENCE, 5 V, PDIP8 High Precision 5 V Reference 1-OUTPUT THREE TERM VOLTAGE REFERENCE, 5 V, CDIP8 High Precision 5 V Reference 1-OUTPUT THREE TERM VOLTAGE REFERENCE, 5 V, PDSO8 High Precision 5 V Reference 高精 V参
|
Analog Devices, Inc. AD[Analog Devices]
|
LT6656 LT6656ACS6-2.5 LT6656ACS6-2.5PBF LT6656ACS6 |
1楼矛A Precision Series Voltage Reference 1渭A Precision Series Voltage Reference 1μA Precision Series Voltage Reference
|
Linear Technology
|
LM4041DIM3-ADJ LM4040AIM3-5.0 LM4040BIM3-4.1 LM404 |
Precision Micropower Shunt Voltage Reference 1-OUTPUT TWO TERM VOLTAGE REFERENCE, 4.096 V, PDSO3 SCSI Unshld SR 50Ckt Precision Micropower Shunt Voltage Reference
|
Micrel Semiconductor, Inc. Micrel Semiconductor,Inc. MICREL[Micrel Semiconductor]
|
X60008E-50 |
Precision 5.0V FGA Voltage Reference(5.0V FGA 精密电压基准) FGA中精5.0V电压基准5.0V FGA中精密电压基准) Voltage Reference, Precision 5.0V FGA Voltage Reference
|
Xicor, Inc.
|
X60003B-5006 X60003BIG3-50T1 X60003BIG3Z-50T1 X600 |
Precision 5.0V SOT-23 FGA Voltage Reference(精密5.0V SOT-23 FGA电压基准) Precision 5.0V SOT-23 FGA⑩ Voltage Reference Precision 5.0V SOT-23 FGA?/a> Voltage Reference
|
Xicor Inc. INTERSIL[Intersil Corporation]
|
X60008BIS8Z-25 X60008BIS8-25 X60008DIS8-25 |
Precision 2.5V FGAVoltage Reference 1-OUTPUT THREE TERM VOLTAGE REFERENCE, 2.5 V, PDSO8
|
Intersil Corporation Intersil, Corp.
|
ZRT062_03 ZRT062 ZRT062GA1 ZRT062GC1 ZRT062GC2 ZRT |
6.2V LOW POWER PRECISION REFERENCE SOURCE Trimmable Voltage Reference
|
ZETEX[Zetex Semiconductors]
|
AS432 AS432A2DBVB AS432A1DA AS432A1DB AS432A1DBV7 |
1-OUTPUT TWO TERM VOLTAGE REFERENCE, 1.24 V, PDSO5 1.24V Precision Adjustable Shunt Reference/Amplifier
|
ASTEC Semiconductor
|
IDT71024 IDT71024S12TY IDT71024S12Y IDT71024S15LB |
Precision Adjustable (Programmable) Shunt Reference 8-SOIC 0 to 70 128K X 8 STANDARD SRAM, 15 ns, PDSO32 Precision Adjustable (Programmable) Shunt Reference 3-TO-92 0 to 70 CMOS STATIC RAM 1 MEG (128K x 8-BIT)
|
Integrated Device Technology, Inc. IDT[Integrated Device Technology]
|